Part Number Hot Search : 
42NFR10E 7017005 L9950TR 2012B SD1602E C2458 MC14522 RTC6691
Product Description
Full Text Search
 

To Download BPR-105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT LED ELECTRONICS
Device Number: BPR-105 Absolute Maximum Rating (Ta=25J) Item Power Dissipation Input Reverse Voltage Forward Current Peak Forward Current (*1) Collector Power Dissipation Output Collector Current C-E Voltage E-C Voltage Operating Temperature Storage Temperature Soldering Temperature (*2) (*1) tw=100 uSec.BT=10 mSec. (*2) t=5 Sec Symbol Pd VR IF IFP PC IC VCEO VECO Topr Tstg Tsol Rating 75 5 50 1 100 20 30 5 -25 ~ +85 -40 ~ +100 260 Page: 2 Version: 1.0 Unit mW V mA A mW mA V V J J J
Electrical Optical Characteristics (Ta=25J)
Parameter Forward Voltage Input Reverse Current Peak Wavelength Dark Current Output C-E Saturation Voltage
Symbol VF IR f p ID VCE(sat)
Condition IF =20mA VR =5V IF =10mA VCE=10V IC =0.25mA IF =10mA
Min. Typ. Max. Unit X X 1.2 X 940 X X X X X X X 200 0.4 240 480 960 gA 1.5 100 V gA nm nA V
BIN No.
Light Current
IL
80 VCE=5V IF =10mA 160 D=1.0mm (90% Reflective 320 white paper) 640 IFP=20mA VCE=5V RL=1000[ X X
BIN A (/|aAIO) BIN B (3/4i|aAIO) BIN C (|aAIO) BIN D (o|aAIO)
X 1920 20 20 X gsec X gsec
Rise Time Speed Fall Time
Tr Tf
BRIGHT LED ELECTRONICS
Device Number: BPR-105 Package Dimensions Page: 3 Version: 1.1
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is K0.25mm unless otherwise specified. 3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.
BRIGHT LED ELECTRONICS
Device Number: BPR-105 Typical Electrical / Optical Characteristics Curves (Ta=25J) Page: 4 Version: 1.0
BRIGHT LED ELECTRONICS
Device Number: BPR-105 Typical Electric / Optical Characteristics Curves (Ta=25J) Page: 5 Version: 1.0


▲Up To Search▲   

 
Price & Availability of BPR-105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X